Part Number Hot Search : 
MV3507DG 74HC54 IRLI530N N6068 718VZM PC4004D IRGC2 06300
Product Description
Full Text Search
 

To Download 2N6341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/509 Devices 2N6338 2N6341 Qualified Level JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation (1)
Symbol
VCEO VCBO VEBO IB IC PT Top, Tstg Symbol
2N6338
100 120
2N6341
150 180
Unit
Vdc Vdc Vdc Adc Adc W W
0
@ TA = +250C @ TC = +1000C Operating & Storage Junction Temperature Range
6.0 10 25 200 112 -65 to +175 Max. 0.875
C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case RJC 0 0 Derate linearly 1.14 W/ C for TC = +25 C and TC = +2000C
0
TO-3* (TO-204AA)
Unit C/W
*See appendix A for package outline
1)
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 50 mAdc Collector-Emitter Cutoff Current VCE = 50 Vdc VCE = 75 Vdc Collector-Emitter Cutoff Current VCE = 100 Vdc, VBE = 1.5 Vdc VCE = 150 Vdc, VBE = 1.5 Vdc Emitter-Base Cutoff Current VEB = 6.0 Vdc Collector-Base Cutoff Current VCB = 120 Vdc VCB = 180 Vdc 2N6338 2N6341 2N6338 2N6341 2N6338 2N6341 V(BR)CEO 100 150 50 Vdc
ICEO
Adc
ICEX IEBO
10 10 100 10 10
Adc Adc Adc
2N6338 2N6341
ICEO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6338, 2N6341 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 0.5 Adc, VCE = 2.0 Vdc IC = 10 Adc, VCE = 2.0 Vdc IC = 25 Adc, VCE = 2.0 Vdc Collector-Emitter Saturation Voltage IC = 10 Adc, IB = 1.0 Adc IC = 25 Adc, IB = 2.5 Adc Base-Emitter Saturation Voltage IC = 10 Adc, IB = 1.0 Adc 40 30 12 120
hFE
VCE(sat) VBE(sat)
1.0 1.8 1.8
Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0 Adc, VCE = 10 Vdc, f = 10 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 0.1 MHz f 1.0 MHz hfe Cobo 4.0 12 450 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 80 Vdc; IC = 10 Adc; IB = 1.0 Adc Turn-Off Time VCC = 80 Vdc; IC = 10 Adc; IB1 = IB2 = 1.0 Adc Storage Time VCC = 80 Vdc; IC = 10 Adc; IB1 = IB2 = 1.0 Adc
t
on
0.5 1.25 1.0
s s s
t
off
t
s
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 8.0 Vdc, IC = 25 Adc All Types Test 2 VCE = 14 Vdc, IC = 14 Adc All Types Test 3 VCE = 100 Vdc, IC = 100 mAdc 2N6338 VCE = 150 Vdc, IC = 66 mAdc 2N6341 (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X